Part Number Hot Search : 
0H473 C144E 2501X 035PT MM1124B DFLS140L 035CT ACTF4008
Product Description
Full Text Search
 

To Download LTM4613 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 for more information www.linear.com/ltm8065 typical application features applications description 40v in , 2.5a silent switcher module regulator the lt m ? 8065 is a 40v in , 3.5a peak, 2.5a continuous step-down module ? (power module) regulator. included in the package are the switching controller, power switches, inductor and all support components. operating over an input voltage range of 3.4v to 40v, the ltm8065 supports an output voltage range of 0.97v to 18v and a switching frequency range of 200khz to 3mhz, each set by a single resistor. only the input and output filter capacitors are needed to finish the design. the low profile package enables utilization of unused space on the bottom of pc boards for high density point of load regulation. the ltm8065 is packaged in a thermally enhanced, compact over-molded ball grid array (bga) pack - age suitable for automated assembly by standard surface mount equipment. the ltm8065 is rohs compliant. all registered trademarks and trademarks are the property of their respective owners. efficiency vs load current 5v out from 7v in to 40v in step-down converter n complete step-down switch mode power supply n low noise silent switcher ? architecture n wide input voltage range: 3.4v to 40v n wide output voltage range: 0.97v to 18v n 2.5a continuous output current, 3.5a peak n selectable switching frequency: 200khz to 3mhz n external synchronization n programmable soft-start n tiny, low profile 6.25mm 6.25mm 2.32mm rohs compliant bga package n automotive battery regulation n power for portable products n distributed supply regulation n industrial supplies n wall transformer regulation 60 8065 5 5 5 0 8065 0a lt m8065 8065fa 90 95 efficiency (%) 8065 ta01b load current (a) v in = 12v 0 1 2 3 80 85
2 for more information www.linear.com/ltm8065 pin configuration absolute maximum ratings v in , run, pg voltage .............................................. 42 v aux, v out , bias voltage ........................................ 19 v fb, tr/ss voltage ..................................................... 4v sync voltage ............................................................ 6v maximum internal temperature .......................... 125 c storage temperature ............................ C 55 c to 125 c peak reflow solder body temperature ............... 26 0 c (notes 1, 2) 5 6 6 65 65 t jmax = 125c, ja = 20c/w, jcbottom = 5.3c/w jctop = 24.5c/w, jb = 5.0c/w, weight = 0.5g values determined per jedec51-9, 51-12 order information ( http://www.linear.com/product/ltc8065#orderinfo) part number terminal finish part marking* package type msl rating temperature range device finish code ltm8065ey#pbf sac305 (rohs) ltm8065 e1 bga 3 C40c to 125c ltm8065iy#pbf ? consult marketing for parts specified with wider operating temperature ranges. *device temperature grade is indicated by a label on the shipping container. pad or ball finish code is per ipc/jedec j-std-609. ? terminal finish part marking: www.linear.com/leadfree ? recommended bga pcb assembly and manufacturing procedures: www .linear.com/umodule/pcbassembly ? bga package and tray drawings: www.linear.com/packaging lt m8065 8065fa
3 for more information www.linear.com/ltm8065 electrical characteristics note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: unless otherwise noted, the absolute minimum voltage is zero. note 3: the ltm8065e is guaranteed to meet performance specifications from 0c to 125c internal. specifications over the full C40c to 125c internal operating temperature range are assured by design, characterization and correlation with statistical process controls. the ltm8065i is guaranteed to meet specifications over the full C40c to 125c internal operating temperature range. note that the maximum internal temperature is determined by specific operating conditions in conjunction with board layout, the rated package thermal resistance and other environmental factors. parameter conditions min typ max units minimum input voltage v in rising l 3.4 v output dc voltage r fb open r fb = 14.3k, v in = 40v 0.97 18 v v peak output dc current v out = 3.3v, f sw ?=?1mhz 3.5 a quiescent current into v in run = 0v bias = 0v, no load, sync = 0v, not switching 3 8 a a quiescent current into bias bias = 5v, run = 0v bias = 5v, no load, sync = 0v, not switching bias = 5v, v out = 3.3v, i out = 2.5a, f sw ?=?1mhz 1 5 12 a a ma line regulation 5.5v < v in < 36v, i out = 1a 0.5 % load regulation 0.1a < i out < 2.5a 0.5 % output voltage ripple i out = 2.5a 10 mv switching frequency r t = 232k r t = 41.2k r t = 10.7k 200 1 3 khz mhz mhz voltage at fb l 950 970 980 mv minimum bias voltage (note 5) 3.2 v run threshold voltage 0.9 1.06 v run current 1 a tr/ss current tr/ss = 0v 2 a tr/ss pull down tr/ss = 0.1v 200 pg threshold voltage at fb (upper) fb falling (note 6) 1.05 v pg threshold voltage at fb (lower) fb rising (note 6) 0.89 v pg leakage current pg = 42v 1 a pg sink current pg = 0.1v 150 a sync threshold voltage synchronization 0.4 1.5 v sync voltage to enable spread spectrum 2.9 4.2 v sync current sync = 0v 35 a the l denotes the specifications which apply over the specified operating temperature range, otherwise specifications are at t j = 25c. v in ?=?12v, run = 2v, unless otherwise noted. note 4: the ltm8065 contains overtemperature protection that is intended to protect the device during momentary overload conditions. the internal temperature exceeds the maximum operating junction temperature when the overtemperature protection is active. continuous operation above the specified maximum operating junction temperature may impair device reliability. note 5: below this specified voltage, internal circuitry will draw power from v in . note 6: pg transitions from low to high. lt m8065 8065fa
4 for more information www.linear.com/ltm8065 typical performance characteristics efficiency, v out ?=?0.97v, bias?=?5v efficiency, v out ?=?1.2v, bias?=?5v efficiency, v out ?=?1.5v, bias?=?5v t a = 25c, unless otherwise noted. efficiency, v out ?=?1.8v, bias?=?5v efficiency, v out ?=?2v, bias?=?5v efficiency, v out ?=?2.5v, bias?=?5v efficiency, v out ?=?3.3v, bias?=?5v efficiency, v out ?=?5v, bias?=?5v efficiency, v out ?=?8v, bias?=?5v lt m8065 8065fa 45 55 65 75 85 95 efficiency (%) 8065 g07 12v in 24v in 36v in 55 load current (a) 0 1 2 3 55 65 75 85 95 65 efficiency (%) 8065 g08 12v in 24v in 36v in load current (a) 0 1 2 3 75 60 70 80 90 100 efficiency (%) 8065 g09 85 efficiency (%) 8065 g01 12v in 24v in 36v in 12v in load current (a) 0 1 2 3 45 55 65 75 85 24v in efficiency (%) 8065 g02 12v in 24v in 36v in load current (a) 0 1 2 3 36v in 50 60 70 80 90 efficiency (%) 8065 g03 12v in 24v in 36v in load current (a) load current (a) 0 1 2 3 50 60 70 80 90 0 efficiency (%) 8065 g04 12v in 24v in 36v in load current (a) 0 1 2 3 1 50 60 70 80 90 efficiency (%) 8065 g05 12v in 24v in 36v in 2 load current (a) 0 1 2 3 50 60 70 80 90 3 efficiency (%) 8065 g06 12v in 24v in 36v in load current (a) 0 1 2 3
5 for more information www.linear.com/ltm8065 typical performance characteristics t a = 25c, unless otherwise noted. efficiency, v out ?=?12v, bias?=?5v efficiency, v out ?=?15v, bias?=?5v efficiency, v out ?=?18v, bias?=?5v efficiency, v out ?=?C3.3v, bias?tied to ltm8065 gnd efficiency, v out ?=?C5v, bias?tied to ltm8065 gnd efficiency, v out ?=?C8v, bias?tied to ltm8065 gnd efficiency, v out ?=?C12v, bias?tied to ltm8065 gnd efficiency, v out ?=?C15v, bias?tied to ltm8065 gnd efficiency, v out ?=?C18v, bias?tied to ltm8065 gnd lt m8065 8065fa 70 80 85 efficiency (%) 8065 g16 12v in 24v in load current (a) 0 0.5 1 80 1.5 50 60 70 80 90 efficiency (%) 8065 g17 12v in load current (a) 90 0 0.25 0.50 0.75 1 1.25 60 65 70 75 100 80 85 efficiency (%) 8065 g18 efficiency (%) 8065 g10 24v in 36v in load current (a) 0 24v in 1 2 3 60 70 80 90 100 efficiency (%) 8002 g11 36v in 24v in 36v in load current (a) 0 1 2 3 60 70 80 load current (a) 90 100 efficiency (%) 8065 g12 12v in 24v in 35v in load current (a) 0 1 0 2 3 60 65 70 75 80 85 efficiency (%) 8065 g13 1 12v in 24v in load current (a) 0 1 2 3 50 60 70 2 80 90 efficiency (%) 8065 g14 12v in 24v in load current (a) 0 1 2 3 3 50 60 70 80 90 efficiency (%) 8065 g15 12v in 24v in 60 load current (a) 0 0.5 1 1.5 2 60 65 70 75
6 for more information www.linear.com/ltm8065 typical performance characteristics input vs load current v out ?=?0.97v input vs load current v out ?=?1.2v input vs load current v out ?=?1.5v input vs load current v out ?=?1.8v input vs load current v out ?=?2v input vs load current v out ?=?2.5v input vs load current v out ?=?3.3v input vs load current v out ?=?5v input vs load current v out ?=?8v t a = 25c, unless otherwise noted. lt m8065 8065fa 2 1.5 2 2.5 3 3.5 0 0.4 0.8 1.2 input current (a) 2.5 8065 g24 12v in 24v in 36v in load current (a) 0 0.5 1 1.5 2 3 2.5 3 3.5 0 0.5 1.0 1.5 input current (a) 8065 g25 12v in 3.5 24v in 36v in load current (a) 0 0.5 1 1.5 2 2.5 3 0 3.5 0 0.5 1.0 1.5 2.0 input current (a) 8065 g26 12v in 24v in 0.2 36v in load current (a) 0 0.5 1 1.5 2 2.5 3 3.5 0.4 0 1 2 3 input current (a) 8065 g27 0.6 input current (a) 8065 g19 12v in 12v in 24v in 36v in load current (a) 0 0.5 1 1.5 2 2.5 24v in 3 3.5 0 0.2 0.4 0.6 input current (a) 8065 g20 12v in 24v in 36v in 36v in load current (a) 0 0.5 1 1.5 2 2.5 3 3.5 load current (a) 0 0.2 0.4 0.6 input current (a) 8065 g21 12v in 24v in 36v in load current (a) 0 0 0.5 1 1.5 2 2.5 3 3.5 0 0.2 0.5 0.4 0.6 0.8 input current (a) 8065 g22 12v in 24v in 36v in load current (a) 0 1 0.5 1 1.5 2 2.5 3 3.5 0 0.3 0.6 1.5 0.9 input current (a) 8065 g23 12v in 24v in 36v in load current (a) 0 0.5 1
7 for more information www.linear.com/ltm8065 typical performance characteristics t a = 25c, unless otherwise noted. input vs load current v out ?=?12v input vs load current v out ?=?15v input vs load current v out ?=?18v input vs load current v out ?=?C3.3v input vs load current v out ?=?C5v input vs load current v out ?=?C8v input vs load current v out ?=?C12v input vs load current v out ?=?C15v input vs load current v out ?=?C18v lt m8065 8065fa 2.5 0 0.5 1 1.5 2 2.5 3 3.5 0 1 3 2 3 input current (a) 8065 g30 12v in 24v in load current (a) 0 0.5 1 3.5 1.5 0 0.5 1.0 1.5 2.0 2.5 input current (a) 8065 g35 12v in 0 load current (a) 0 0.5 1 1.5 0 0.5 1.0 1.5 2.0 0.5 2.5 input current (a) 8065 g36 1.0 1.5 2.0 input current (a) 8065 g28 24v in 24v in 36v in load current (a) 0 0.5 1 1.5 2 2.5 3 36v in 3.5 0 1 2 3 input current (a) 8065 g29 12v in 24v in 36v in load current (a) load current (a) 0 1 2 3 4 0 0.5 1.0 1.5 0 input current (a) 8065 g31 12v in 24v in load current (a) 0 1 2 3 4 0.5 0 0.5 1.0 1.5 2.0 input current (a) 8065 g32 12v in 24v in load current (a) 1 0 1 2 3 0 0.5 1.0 1.5 2.0 input current (a) 1.5 8065 g33 12v in 24v in load current (a) 0 0.5 1 1.5 2 0 2 0.5 1.0 1.5 2.0 2.5 input current (a) 8065 g34 24v in 36v in load current (a)
8 for more information www.linear.com/ltm8065 maximum load current vs v in bias tied to ltm8065 gnd derating, v out = 0.97v bias = 5v, dc2251a demo board maximum load current vs v in bias tied to ltm8065 gnd typical performance characteristics derating, v out ?=?1.2v, bias?=?5v, dc2251a demo board derating, v out ?=?1.5v, bias?=?5v, dc2251a demo board derating, v out ?=?1.8v, bias?=?5v, dc2251a demo board derating, v out ?=?2v, bias?=?5v, dc2251a demo board t a = 25c, unless otherwise noted. derating, v out ?=?2.5v, bias = 5v, dc2251a demo board derating, v out ?=?3.3v, bias = 5v, dc2251a demo board lt m8065 8065fa 40 100 125 0 1 2 3 4 maximum load current (a) 8065 g42 0 lfm 0 12v in 24v in 36v in ambient temperature (c) 0 25 50 75 100 125 1 0 1 2 3 4 maximum load current (a) 8065 g43 0 lfm 12v in 24v in 2 36v in ambient temperature (c) 0 25 50 75 100 125 0 1 3 2 3 4 maximum load current (a) 8065 g44 0 lfm 12v in 24v in 36v in ambient temperature (c) 4 0 25 50 75 100 125 0 1 2 3 5 4 maximum load current (a) 8065 g45 maximum load current (a) 8065 g37 ?12v out ?3.3v out ?15v out ?18v out input voltage (v) 0 10 20 30 0 0.5 1.0 ?5v out 1.5 2.0 maximum load current (a) 8065 g38 0 lfm 12v in 24v in 36v ?8v out in ambient temperature (c) 0 25 50 75 100 125 0 1 input voltage (v) 2 3 4 maximum load current (a) 8065 g39 0 lfm 12v in 24v in 36v in ambient temperature (c) 0 0 25 50 75 100 125 0 1 2 3 10 4 maximum load current (a) 8065 g40 0 lfm 12v in 24v in 36v in ambient temperature (c) 0 25 20 50 75 100 125 0 1 2 3 4 maximum load current (a) 30 8065 g41 0 lfm 12v in 24v in 36v in ambient temperature (c) 0 25 50 75
9 for more information www.linear.com/ltm8065 typical performance characteristics t a = 25c, unless otherwise noted. derating, v out ?=?3.3v, bias = 5v, dc2251a demo board derating, v out ?=?5v, bias = 5v, dc2251a demo board derating, v out ?=?5v, bias = 5v, dc2251a demo board derating, v out ?=?8v, bias = 5v, dc2251a demo board derating, v out ?=?12v, bias = 5v, dc2251a demo board derating, v out ?=?15v, bias = 5v, dc2251a demo board derating, v out ?=?18v, bias = 5v, dc2251a demo board derating, v out = C5v, bias tied to ltm8065 gnd, dc2251a demo board derating, v out ?=?C3.3v, bias tied to ltm8065 gnd, dc2251a demo board lt m8065 8065fa 100 0 1 2 3 4 maximum load current (a) 8065 g49 0 lfm 24v in 36v in 125 ambient temperature (c) 0 25 50 75 100 125 0 1 2 0 3 maximum load current (a) 8065 g50 0 lfm 24v in 36v in ambient temperature (c) 0 25 50 1 75 100 125 0 1 2 3 maximum load current (a) 8065 g52 0 lfm 2 12v in 24v in 36v in ambient temperature (c) 0 25 50 75 100 125 3 0 1 2 3 maximum load current (a) 8065 g53 maximum load current (a) 8065 g51 0 lfm 12v in 0 lfm 24v in ambient temperature (c) 0 25 50 75 100 125 0 1 24v in 2 3 maximum load current (a) 8065 g54 0 lfm f = 2mhz 12v in 24v in 36v in ambient temperature (c) 0 36v in 25 50 75 100 125 0 1 2 3 4 ambient temperature (c) maximum load current (a) 8065 g46 0 lfm 12v in 24v in 36v in ambient temperature (c) 0 25 50 0 75 100 125 0 1 2 3 4 maximum load current (a) 8065 g47 25 0 lfm f sw = 2mhz 12v in 24v in 36v in ambient temperature (c) 0 25 50 75 50 100 125 0 1 2 3 4 maximum load current (a) 8065 g48 0 lfm 75 12v in 24v in 36v in ambient temperature (c) 0 25 50 75 100 125
10 for more information www.linear.com/ltm8065 typical performance characteristics derating, v out = C8v, bias tied to ltm8065 gnd, dc2251a demo board derating, v out = C12v, bias tied to ltm8065 gnd, dc2251a demo board derating, v out = C15v, bias tied to ltm8065 gnd, dc2251a demo board derating, v out = C18v, bias tied to ltm8065 gnd, dc2251a demo board cispr22 class b radiated dc2251a demo board, v out = 5v no filter ( fb1, l1 short, c6, c7 open) dropout voltage vs load current, v out ?=?5v, bias = 5v t a = 25c, unless otherwise noted. lt m8065 8065fa 50 0.75 1.00 maximum load current (a) 8065 g58 75 100 125 0 0.5 1.0 1.5 2.0 maximum load current (a) 0 lfm 8065 g55 0 lfm 12v in 24v in ambient temperature (c) 0 25 50 75 100 12v 125 0 0.25 0.50 0.75 1.00 maximum load current (a) 8065 g56 0 lfm 12v in in 24v in ambient temperature (c) 0 25 50 75 100 125 0 0.25 24v 0.50 0.75 1.00 maximum load current (a) 8065 g57 load current (a) 0 1 2 3 in 4 0 200 400 600 800 dropout voltage (mv) 8065 g59 f sw = 1mhz, v in = 14v, i out = 2.5a class b limit ambient temperature (c) horizontal vertical frequency (mhz) 0 200 400 600 800 1000 ?10 0 0 10 20 30 40 50 amplitude (dbv/m) 8065 g60 0 lfm 12v in 25 ambient temperature (c) 0 25 50 75 100 125 0 0.25 0.50
11 for more information www.linear.com/ltm8065 pin functions gnd (bank 1, a1, a4, a6): tie these gnd pins to a local ground plane below the ltm8065 and the circuit compo - nents. in most applications, the bulk of the heat flow out of the lt m8065 is through these pads, so the printed circuit design has a large impact on the thermal performance of the part. see the pcb layout and thermal considerations sections for more details. v in (bank 2): v in supplies current to the ltm8065s in- ternal regulator and to the internal power switches. these pins must be locally bypassed with an external, low esr capacitor ; see t able 1 for recommended values. v out (bank 3): power output pins. apply the output filter capacitor and the output load between these pins and gnd pins. bias (pin a2): the bias pin connects to the internal power bus. connect to a power source greater than 3.2v . if v out is greater than 3.2v, connect this pin to aux. if the output voltage is less, connect this to a voltage source greater than 3.2v . decouple this pin with at least 1f if the voltage source for bias is remote. pg (pin a3): the pg pin is the open-collector output of an internal comparator. pg remains low until the fb pin voltage is within about 10% of the final regulation volt - age. the pg signal is valid when v in is above 3.4v. if v in is above 3.4v and run is low, pg will drive low. if this function is not used, leave this pin floating. rt (pin a5): the rt pin is used to program the switching frequency of the ltm8065 by connecting a resistor from this pin to ground. the applications information section of the data sheet includes a table to determine the resistance value based on the desired switching frequency. minimize capacitance at this pin. do not drive this pin. fb (pin b1): the ltm8065 regulates its fb pin to 0.97v. connect the adjust resistor from this pin to ground. the value of r fb is given by the equation r fb = 241.53/ (v out ?C?0.97), where r fb is in k. aux (pin b2): low current voltage source for bias. in many designs, the bias pin is simply connected to v out . the aux pin is internally connected to v out and is placed adjacent to the bias pin to ease printed circuit board routing. also, some applications require a feedforward capacitor ; it can be connected from aux to fb for convenient pcb routing. although this pin is internally connected to v out , it is not intended to deliver a high current, so do not draw current from this pin to the load. sync (pin b4 ): external clock synchronization input and operational mode. this pin programs four different operating modes: 1. burst mode ? operation. tie this pin to ground for burst mode operation at low output loadsthis will result in ultralow quiescent current. 2. pulse-skipping mode. float this pin for pulse-skipping mode. this mode offers full frequency operation down to low output loads before pulse skipping occurs. 3. spread spectrum mode. tie this pin high (between 2.9v and 4.2v) for pulse-skipping mode with spread spectrum modulation. 4. synchronization mode. drive this pin with a clock source to synchronize to an external frequency. during synchro - nization the part will operate in pulse-skipping mode. tr/ss (pin b5): the tr/ss pin is used to provide a soft- start or tracking function. the internal 2a pull-up current in combination with an external capacitor tied to this pin creates a voltage ramp. if tr/ss is less than 0.97v, the fb voltage tracks to this value. the soft-start ramp time is approximated by the equation t = 0.485 ? c where c is in?f. for tracking, tie a resistor divider to this pin from the tracked output. this pin is pulled to ground with an internal mosfet during shutdown and fault conditions ; use a series resistor if driving from a low impedance output. this pin may be left floating if the tracking function is not needed. run (pin b6): pull the run pin below 0.9v to shut down the ltm8065 . tie to 1.06v or more for normal operation. if the shutdown feature is not used, tie this pin to the v in pin. lt m8065 8065fa
12 for more information www.linear.com/ltm8065 block diagram ltm8065 block diagram aux bias v out v in fb gnd run tr/ss sync rt pg 8065 bd01 current mode controller 0.2f 10pf 0.1f 1.5h 249k lt m8065 8065fa
13 for more information www.linear.com/ltm8065 operation the ltm8065 is a stand-alone non-isolated step-down switching dc/dc power supply that can deliver up to 3.5a. the continuous current is determined by the internal operating temperature. it provides a precisely regulated output voltage programmable via one external resistor from 0.97v to 18v. the input voltage range is 3.4v to 40v. given that the ltm8065 is a step-down converter, make sure that the input voltage is high enough to support the desired output voltage and load current. a simplified block diagram is given on the previous page. the ltm8065 contains a current mode controller, power switching elements, power inductor and a modest amount of input and output capacitance. the ltm8065 is a fixed frequency pwm regulator. the switching frequency is set by simply connecting the appropriate resistor value from the rt pin to gnd. an internal regulator provides power to the control cir - cuitry. this bias regulator normally draws power from the v in pin, but if the bias pin is connected to an external voltage higher than 3.2v, bias power is drawn from the external source (typically the regulated output voltage). this improves efficiency. the run pin is used to place the ltm8065 in shutdown, disconnecting the output and reducing the input current to a few a. to enhance efficiency, the ltm8065 automatically switches to burst mode operation in light or no load situations. between bursts, all circuitry associated with controlling the output switch is shut down reducing the input supply current to just a few a. the oscillator reduces the ltm8065 s operating frequency when the voltage at the fb pin is low. this frequency fold - back helps to control the output current during start-up and overload. the tr/ss node acts as an auxiliar y input to the error amplifier . the voltage at fb servos to the tr/ss voltage until tr/ss goes above 0.97v. soft-start is implemented by generating a voltage ramp at the tr/ss pin using an external capacitor which is charged by an internal constant current. alternatively, driving the tr/ss pin with a signal source or resistive network provides a tracking function. do not drive the tr/ss pin with a low impedance volt - age source. see the applications information section for more details. the lt m8065 contains a power good comparator which trips when the fb pin is at about 90% to 110% of its regulated value. the pg output is an open-drain transistor that is off when the output is in regulation, allowing an external resistor to pull the pg pin high. the pg signal is valid when v in is above 3.4v. if v in is above 3.4v and run is low, pg will drive low. the ltm8065 is equipped with a thermal shutdown that inhibits power switching at high junction temperatures. the activation threshold of this function is above the maxi - mum temperature rating to avoid interfering with normal operation, so prolonged or repetitive operation under a condition in which the thermal shutdown activates may damage or impair the reliability of the device. lt m8065 8065fa
14 for more information www.linear.com/ltm8065 for most applications, the design process is straight- forward, summarized as follows: 1. look at table 1 and find the row that has the desired input range and output voltage. 2 . apply the recommended, c in , c out , r fb and r t values. 3. apply the c ff (from aux to f b ) as required. 4. connect bias as indicated. while these component combinations have been tested for proper operation, it is incumbent upon the user to verify proper operation over the intended system s line, load and environmental conditions. bear in mind that the maximum output current is limited by junction tempera - ture, the relationship between the input and output voltage magnitude and polarity and other factors. please refer to the graphs in the t ypical per formance characteristics section for guidance. applications information the maximum frequency (and attendant r t value) at which the ltm8065 should be allowed to switch is given in table 1 in the maximum f sw column, while the recom - mended frequency (and r t value) for optimal efficiency over the given input condition is given in the f sw column. there are additional conditions that must be satisfied if the synchronization function is used. please refer to the synchronization section for details. capacitor selection considerations the c in and c out capacitor values in table 1 are the minimum recommended values for the associated oper - ating conditions. applying capacitor values below those indicated in table 1 is not recommended and may result in undesirable operation. using larger values is generally acceptable, and can yield improved dynamic response, if it is necessary. again, it is incumbent upon the user to table 1. recommended component values and configuration (t a = 25c) v in v out r fb c in 2 c out c ff bias f sw r t max f sw min r t 3.4v to 40v 0.97v open 2.2f 50v 0805 100f 4v 0805 47pf 5v 450khz 100k 660khz 63.4k 3.4v to 40v 1.2v 1.05m 2.2f 50v 0805 100f 4v 0805 47pf 5v 550khz 78.7k 900khz 45.3k 3.4v to 40v 1.5v 464k 2.2f 50v 0805 100f 4v 0805 27pf 5v 650khz 64.9k 1mhz 41.2k 3.4v to 40v 1.8v 294k 2.2f 50v 0805 100f 4v 0805 10pf 5v 700khz 60.4k 1.3mhz 28.7k 3.4v to 40v 2v 237k 2.2f 50v 0805 100f 4v 0805 5v 850khz 51.5k 1.4mhz 28.0k 3.5v to 40v 1 2.5v 158k 2.2f 50v 0805 47f 4v 0805 5v 900khz 45.3k 1.7mhz 21.5k 4.5v to 40v 1 3.3v 102k 2.2f 50v 0805 47f 4v 0805 5v 900khz 45.3k 2.2mhz 15.8k 6.5v to 40v 1 5v 60.4k 2.2f 50v 0805 22f 6.3v 0805 5v 1mhz 41.2k 3mhz 10.7k 10v to 40v 1 8v 34k 2.2f 50v 0805 22f 10v 1206 5v 1.3mhz 28.7k 3mhz 10.7k 14.5v to 40v 1 12v 21.5k 4.7f 50v 0805 10f 16v 0805 5v 1.3mhz 28.7k 3mhz 10.7k 19.5v to 40v 1 15v 16.9k 4.7f 50v 0805 10f 16v 0805 5v 1.5mhz 25.5k 3mhz 10.7k 23v to 40v 1 18v 14k 4.7f 50v 0805 10f 25v 1206 5v 1.8mhz 20.5k 3mhz 10.7k 3.4v to 36v 1 C3.3v 102k 2.2f 50v 0805 47f 4v 0805 ltm8065 gnd 900khz 45.3k 2.2mhz 15.8k 3.4v to 35v 1 C5v 59k 2.2f 50v 0805 22f 6.3v 0805 ltm8065 gnd 1mhz 41.2k 3mhz 10.7k 3.4v to 32v 1 C8v 34k 2.2f 50v 0805 22f 10v 1206 ltm8065 gnd 1.3mhz 28.7k 3mhz 10.7k 3.4v to 28v 1 C12v 21.5k 4.7f 50v 0805 10f 16v 0805 ltm8065 gnd 1.3mhz 28.7k 3mhz 10.7k 3.4v to 25v 1 C15v 16.9k 4.7f 50v 0805 10f 16v 0805 ltm8065 gnd 1.5mhz 25.5k 3mhz 10.7k 3.4v to 22v 1 C18v 14k 4.7f 50v 0805 10f 25v 1206 ltm8065 gnd 1.8mhz 20.5k 3mhz 10.7k 1. the ltm8065 may be capable of lower input voltages but may skip off cycles. 2. an input bulk capacitor is required lt m8065 8065fa
15 for more information www.linear.com/ltm8065 applications information verify proper operation over the intended systems line, load and environmental conditions. ceramic capacitors are small, robust and have very low esr. however, not all ceramic capacitors are suitable. x5r and x7r types are stable over temperature and ap - plied voltage and give dependable service. other types, including y5v and z5u have ver y large temperature and voltage coefficients of capacitance. in an application cir - cuit they may have only a small fraction of their nominal capacitance resulting in much higher output voltage ripple than expected. ceramic capacitors are also piezoelectric. in burst mode operation, the ltm8065 s switching frequency depends on the load current, and can excite a ceramic capacitor at audio frequencies, generating audible noise. since the ltm8065 operates at a lower current limit during burst mode operation, the noise is typically very quiet to a casual ear. if this audible noise is unacceptable, use a high perfor - mance electrolytic capacitor at the output. it may also be a parallel combination of a ceramic capacitor and a low cost electrolytic capacitor . a final precaution regarding ceramic capacitors concerns the maximum input voltage rating of the ltm8065. a ceramic input capacitor combined with trace or cable inductance forms a high-q (underdamped) tank circuit. if the ltm8065 circuit is plugged into a live supply, the input voltage can ring to twice its nominal value, possi - bly exceeding the devices rating. this situation is easily avoided; see the hot-plugging safely section. frequency selection the ltm8065 uses a constant frequency pwm architec - ture that can be programmed to switch from 200khz to 3mhz by using a resistor tied from the r t pin to ground. table 2 provides a list of r t resistor values and their resultant frequencies. table 2. sw frequency vs r t value f sw (mhz) r t (k) 0.2 232 0.3 150 0.4 110 0.5 88.7 0.6 73.2 0.7 60.4 0.8 52.3 1.0 41.2 1.2 33.2 1.4 28.0 1.6 23.7 1.8 20.5 2.0 18.2 2.2 15.8 3.0 10.7 operating frequency trade-offs it is recommended that the user apply the optimal r t value given in table 1 for the input and output operating condition. system level or other considerations, however, may necessitate another operating frequency. while the ltm8065 is flexible enough to accommodate a wide range of operating frequencies, a haphazardly chosen one may result in undesirable operation under certain operating or fault conditions. a frequency that is too high can reduce efficiency, generate excessive heat or even damage the ltm8065 if the output is overloaded or short-circuited. a frequency that is too low can result in a final design that has too much output ripple or too large of an output capacitor. bias pin considerations the bias pin is used to provide drive power for the internal power switching stage and operate other internal circuitry. for proper operation, it must be powered by at least 3.2v. if the output voltage is programmed to 3.2v or higher, bias may be simply tied to v out . if v out is less than 3.2v , bias can be tied to v in or some other voltage source. if the bias pin voltage is too high, the efficiency of the ltm8065 may suffer. the optimum bias voltage is dependent upon many factors, such as load current, input voltage, output voltage and switching frequency. in all cases, ensure that the maxi - lt m8065 8065fa
16 for more information www.linear.com/ltm8065 applications information mum voltage at the bias pin is less than 19v . if bias power is applied from a remote or noisy voltage source, it may be necessary to apply a decoupling capacitor locally to the pin. a 1f ceramic capacitor works well. the bias pin may also be left open at the cost of a small degradation in efficiency. maximum load the maximum practical continuous load that the ltm8065 can drive, while rated at 2.5a, actually depends upon both the internal current limit and the internal temperature. the internal current limit is designed to prevent damage to the ltm8065 in the case of overload or short-circuit. the internal temperature of the ltm8065 depends upon operating conditions such as the ambient temperature, the power delivered, and the heat sinking capability of the system. for example, if the ltm8065 is configured to regulate at 1.2v, it may continuously deliver 3.5a from 12v in if the ambient temperature is controlled to less than 55c. this is quite a bit higher than the 2.5a continuous rating. please see the derating, v out = 1.2v curve in the typical performance characteristics section. similarly, if the output voltage is 18v and the ambient temperature is 100c , the ltm8065 will deliver at most 0.15a from 36v in , which is less than the 2.5a continuous rating. load sharing the ltm8065 is not designed to load share. burst mode operation to enhance efficiency at light loads, the ltm8065 auto - matically switches to burst mode operation which keeps the output capacitor charged to the proper voltage while minimizing the input quiescent current. during burst mode operation, the ltm8065 delivers single cycle bursts of current to the output capacitor followed by sleep periods where most of the internal circuitry is powered off and energy is delivered to the load by the output capacitor. during the sleep time, v in and bias quiescent currents are greatly reduced, so, as the load current decreases towards a no load condition, the percentage of time that the ltm8065 operates in sleep mode increases and the average input current is greatly reduced, resulting in higher light load efficiency. burst mode operation is enabled by tying sync to gnd. minimum input voltage the ltm8065 is a step-down converter, so a minimum amount of headroom is required to keep the output in regulation. keep the input above 3.4v to ensure proper operation. voltage transients or ripple valleys that cause the input to fall below 3.4v may turn off the ltm8065. output voltage tracking and soft-start the ltm8065 allows the user to adjust its output voltage ramp rate by means of the tr/ss pin. an internal 2a pulls up the tr/ss pin to about 2.4v. putting an external capaci - tor on tr/ss enables soft starting the output to reduce current surges on the input supply. during the soft-start ramp the output voltage will proportionally track the tr/ ss pin voltage. for output tracking applications, tr/ss can be externally driven by another voltage source. from 0v to 0.97v, the tr/ss voltage will override the internal 0.97v reference input to the error amplifier, thus regulat - ing the fb pin voltage to that of the tr/ss pin. when tr/ ss is above 0.97v , tracking is disabled and the feedback voltage will regulate to the internal reference voltage. the tr/ss pin may be left floating if the function is not needed. an active pull-down circuit is connected to the tr/ss pin which will discharge the external soft-start capacitor in the case of fault conditions and restart the ramp when the faults are cleared. fault conditions that clear the soft-start capacitor are the run pin transitioning low, v in voltage falling too low, or thermal shutdown. pre-biased output as discussed in the output voltage tracking and soft- start section, the ltm8065 regulates the output to the fb voltage determined by the tr/ss pin whenever tr/ ss is less than 0.97v. if the ltm8065 output is higher than the target output voltage, the ltm8065 will attempt to regulate the output to the target voltage by returning a small amount of energy back to the input supply. if there is nothing loading the input supply, its voltage may rise. take care that it does not rise so high that the input voltage exceeds the absolute maximum rating of the ltm8065. lt m8065 8065fa
17 for more information www.linear.com/ltm8065 applications information frequency foldback the ltm8065 is equipped with frequency foldback which acts to reduce the thermal and energy stress on the internal power elements during a short circuit or output overload condition. if the ltm8065 detects that the output has fallen out of regulation, the switching frequency is reduced as a function of how far the output is below the target voltage. this in turn limits the amount of energy that can be delivered to the load under fault. during the start-up time, frequency foldback is also active to limit the energy delivered to the potentially large output capacitance of the load. when a clock is applied to the sync pin, the sync pin is floated or held high, the frequency foldback is disabled, and the switching frequency will slow down only during overcurrent conditions. synchronization to select low ripple burst mode operation, tie the sync pin below about 0.4v (this can be ground or a logic low output). to synchronize the lt m8065 oscillator to an external frequency, connect a square wave (with about 20% to 80% duty cycle) to the sync pin. the square wave amplitude should have valleys that are below 0.4v and peaks above 1.5v . the ltm8065 will not enter burst mode operation at low output loads while synchronized to an external clock, but instead will pulse skip to maintain regulation. the ltm8065 may be synchronized over a 200khz to 3mhz range. the r t resistor should be chosen to set the switching frequency equal to or below the lowest synchronization input. for example, if the synchronization signal will be 500khz and higher, the r t should be selected for 500khz. for some applications it is desirable for the ltm8065 to operate in pulse-skipping mode, offering two major dif - ferences from burst mode operation. the first is that the clock stays awake at all times and all switching cycles are aligned to the clock. the second is that full switching frequency is reached at lower output load than in burst mode operation. these two differences come at the expense of increased quiescent current. t o enable pulse-skipping mode, the sync pin is floated. the ltm8065 features spread spectrum operation to further reduce emi/emc emissions. to enable spread spectrum operation, apply between 2.9v and 4.2v to the sync pin. in this mode, triangular frequency modulation is used to vary the switching frequency between the value programmed by r t to about 20% higher than that value. the modulation frequency is about 3khz . for example, when the ltm8065 is programmed to 2mhz, the frequency will vary from 2mhz to 2.4mhz at a 3khz rate. when spread spectrum operation is selected, burst mode operation is disabled, and the part will run in pulse-skipping mode. the ltm8065 does not operate in forced continuous mode regardless of sync signal. negative output the ltm8065 is capable of generating a negative output voltage by connecting its v out to system gnd and the ltm8065 gnd to the negative voltage rail. an example of this is shown in the typical applications section. the most versatile way to generate a negative output is to use a dedicated regulator that was designed to generate a negative voltage, but using a buck regulator like the ltm8065 to generate a negative voltage is a simple and cost effective solution, as long as certain restrictions are kept in mind. figure?1 shows a typical negative output voltage application. note that ltm8065 v out is tied to system gnd and input power is applied from v in to ltm8065 v out . as a result, the ltm8065 is not behaving as a true buck regulator, and the maximum output current depends upon the input voltage. in the example shown in the typical applications section, there is an attending graph that shows how much current the ltm8065 can deliver for given input voltages. note that this configuration requires that any load current transient will directly impress the transient voltage onto negative output voltage ltm8065 v out v in 8065 f01 gnd v in figure 1. the ltm8065 can be used to generate a negative voltage lt m8065 8065fa
18 for more information www.linear.com/ltm8065 applications information the ltm8065 gnd, as shown in figure? 2, so fast load transients can disrupt the ltm8065s operation or even cause damage. occur in battery charging applications or in battery backup systems where a battery or some other supply is diode ored with the ltm8065s output. if the v in pin is allowed to float and the run pin is held high (either by a logic signal or because it is tied to v in ), then the ltm8065s internal circuitry pulls its quiescent current through its internal power switch. this is fine if your system can tolerate a few milliamps in this state. if you ground the run pin, the internal current drops to essentially zero. however, if the v in pin is grounded while the output is held high, parasitic diodes inside the ltm8065 can pull large currents from the output through the v in pin. figure?4 shows a circuit that runs only when the input voltage is present and that protects against a shorted or reversed input. fast load transient output transient response ltm8065 v out v in 8065 f02 gnd v in figure 2. any output voltage transient appears on ltm8065 gnd figure 3. a schottky diode can limit the transient caused by a fast rising v in to safe levels figure 4. the input diode prevents a shorted input from discharging a backup battery tied to the output. it also protects the circuit from a reversed input. the ltm8065 runs only when the input is present fast v in transient output experiences a positive transient ltm8065 v out v in 8065 f03 gnd c out c in optional schottky diode ac divider v in the c in and c out capacitors in figure?3 form an ac divider at the negative output voltage node. if v in is hot-plugged or rises quickly, the resultant v out will be a positive tran - sient, which may be unhealthy for the application load. an anti-parallel schottky diode may be able to prevent this positive transient from damaging the load. the loca - tion of this schottky diode is important. for example, in a system where the ltm8065 is far away from the load, placing the schottky diode closest to the most sensitive load component may be the best design choice. carefully evaluate whether the negative buck configuration is suitable for the application. for negative outputs, connect bias to ltm8065 gnd. shorted input protection care needs to be taken in systems where the output is held high when the input to the ltm8065 is absent. this may ltm8065 v in v in 8065 f04 run pcb layout most of the headaches associated with pcb layout have been alleviated or even eliminated by the high level of integration of the ltm8065. the ltm8065 is neverthe - less a switching power supply, and care must be taken to minimize emi and ensure proper operation. even with the high level of integration, you may fail to achieve specified operation with a haphazard or poor layout. see figure 5 for a suggested layout. ensure that the grounding and heat sinking are acceptable. a few rules to keep in mind are: 1. place c ff , r fb and r t as close as possible to their respective pins. 2. place the c in capacitor as close as possible to the v in and gnd connection of the ltm8065. 3. place the c out capacitor as close as possible to the v out and gnd connection of the ltm8065. lt m8065 8065fa
19 for more information www.linear.com/ltm8065 applications information 4. place the c in and c out capacitors such that their ground current flow directly adjacent to or underneath the ltm8065. 5. connect all of the gnd connections to as large a copper pour or plane area as possible on the top layer. avoid breaking the ground connection between the external components and the ltm8065. 6. use vias to connect the gnd copper area to the boards internal ground planes. liberally distribute these gnd vias to provide both a good ground connection and thermal path to the internal planes of the printed circuit board. pay attention to the location and density of the thermal vias in figure 5. the ltm8065 can benefit from the heat-sinking afforded by vias that connect to internal gnd planes at these locations, due to their proximity to internal power handling components. the optimum number of thermal vias depends upon the printed circuit board design. for example, a board might use very small via holes. it should employ more thermal vias than a board that uses larger holes. hot-plugging safely the small size, robustness and low impedance of ceramic capacitors make them an attractive option for the input bypass capacitor of ltm8065 . however, these capacitors can cause problems if the ltm8065 is plugged into a live supply (see linear technology application note 88 for a complete discussion). the low loss ceramic capacitor combined with stray inductance in series with the power source forms an underdamped tank circuit, and the volt - age at the v in pin of the ltm8065 can ring to more than twice the nominal input voltage, possibly exceeding the ltm8065 s rating and damaging the part. if the input supply is poorly controlled or the ltm8065 is hot-plugged into an energized supply, the input network should be designed to prevent this overshoot. this can be accomplished by installing a small resistor in series to v in , but the most popular method of controlling input voltage overshoot is add an electrolytic bulk cap to the v in net. this capacitors relatively high equivalent series resistance damps the circuit and eliminates the voltage overshoot. the extra capacitor improves low frequency ripple filtering and can slightly improve the efficiency of the circuit, though it is likely to be the largest component in the circuit. thermal considerations the ltm8065 output current may need to be derated if it is required to operate in a high ambient temperature. the amount of current derating is dependent upon the input voltage, output power and ambient temperature. the derating curves given in the typical performance char - acteristics section can be used as a guide. these curves were generated by the ltm8065 mounted to a 58cm 2 4-layer fr4 printed circuit board. boards of other sizes and layer count can exhibit different thermal behavior, so it is incumbent upon the user to verify proper operation over the intended systems line, load and environmental operating conditions. figure 5. layout showing suggested external components, gnd plane and thermal vias r fb r t c out v out gnd bias aux gnd gnd gnd v in tr/ss sync pg rt gnd/thermal vias fb c in run 8065 f05 lt m8065 8065fa
20 for more information www.linear.com/ltm8065 applications information for increased accuracy and fidelity to the actual applica - tion, many designers use fea (finite element analysis) to predict thermal performance. t o that end, page 2 of the data sheet typically gives four thermal coefficients: ja C thermal resistance from junction to ambient jcbottom C thermal resistance from junction to the bottom of the product case jctop C thermal resistance from junction to top of the product case jb C thermal resistance from junction to the printed circuit board. while the meaning of each of these coefficients may seem to be intuitive, jedec has defined each to avoid confusion and inconsistency. these definitions are given in jesd?51-12, and are quoted or paraphrased below: ja is the natural convection junction-to-ambient air thermal resistance measured in a one cubic foot sealed enclosure. this environment is sometimes referred to as still air although natural convection causes the air to move. this value is determined with the part mounted to a jesd 51-9 defined test board, which does not reflect an actual application or viable operating condition. jcbottom is the junction-to-board thermal resistance with all of the component power dissipation flowing through the bottom of the package. in the typical module regulator, the bulk of the heat flows out the bottom of the package, but there is always heat flow out into the ambient envi - ronment. as a result, this thermal resistance value may be useful for comparing packages but the test conditions dont generally match the users application. jctop is determined with nearly all of the component power dissipation flowing through the top of the package. as the electrical connections of the typical module regulator are on the bottom of the package, it is rare for an application to operate such that most of the heat flows from the junc - tion to the top of the part. as in the case of jcbottom , this value may be useful for comparing packages but the test conditions dont generally match the users application. jb is the junction-to-board thermal resistance where almost all of the heat flows through the bottom of the module regulator and into the board, and is really the sum of the jcbottom and the thermal resistance of the bottom of the part through the solder joints and through a portion of the board. the board temperature is measured a specified distance from the package, using a two sided, two layer board. this board is described in jesd 51-9. given these definitions, it should now be apparent that none of these thermal coefficients reflects an actual physical operating condition of a module regulator. thus, none of them can be individually used to accurately predict the thermal performance of the product. likewise, it would be inappropriate to attempt to use any one coefficient to correlate to the junction temperature vs load graphs given in the products data sheet. the only appropriate way to use the coefficients is when running a detailed thermal analysis, such as fea, which considers all of the thermal resistances simultaneously. a simplified graphical representation of these thermal resistances is given in figure?6. the blue resistances are contained within the module regulator, and the green are outside. the die temperature of the ltm8065 must be lower than the maximum rating, so care should be taken in the layout of the circuit to ensure good heat sinking of the ltm8065. the bulk of the heat flow out of the ltm8065 is through the bottom of the package and the pads into the printed circuit board. consequently a poor printed circuit board design can cause excessive heating, resulting in impaired performance or reliability. please refer to the pcb layout section for printed circuit board design suggestions. lt m8065 8065fa
21 for more information www.linear.com/ltm8065 applications information 8065 f06 module device junction-to-case (top) resistance junction-to-board resistance junction-to-ambient resistance (jesd 51-9 defined board) case (top)-to-ambient resistance board-to-ambient resistance junction-to-case (bottom) resistance junction ambient case (bottom)-to-board resistance figure 6. simplified graphical representation of the thermal resistance between the device junction and ambient lt m8065 8065fa
22 for more information www.linear.com/ltm8065 typical applications 1.2v out from 3.4v in to 40v in step-down converter. bias is tied to an external 3.3v source 2.5v out from 5.5v in to 15v in step-down converter. bias is tied to v in 3.3v 2.2f 100f 47pf 1.05m ltm8065 v out bias v out 1.2v 2.5a v in v in 3.4v to 40v fb gnd run sync 8065 ta02 pins not used in this circuit: tr/ss, pg 78.7k 550khz rt 2.2f 47f 158k ltm8065 v out bias v out 2.5v 2.5a v in v in 5.5v to 15v fb gnd run sync 8065 ta03 pins not used in this circuit: tr/ss, pg 45.3k 900khz rt C5v out from 3.4v in to 35v in positive to negative converter maximum load current vs v in , bias tied to ltm8065 gnd 2.2f 22f 60.4k ltm8065 v out run optional schottky diode v in v in 3.4v to 35v fb gnd sync bias 8065 ta04a pins not used in this circuit: tr/ss, pg, aux input bulk cap: place the input bulk cap between v in and v out (system ground) to mitigate the output positive transient when v in rises quickly. 41.2k 1mhz rt + input bulk cap v out ?5v lt m8065 8065fa 2 3 4 maximum load current (a) 8065 ta04b input voltage (v) 0 10 20 30 40 0 1
23 for more information www.linear.com/ltm8065 package description package photo table 3. ltm8065 pinout (sorted by pin number) pin pin name pin pin name pin pin name pin pin name pin pin name pin pin name a 1 gnd b 1 fb c 1 gnd d 1 gnd e 1 gnd f 1 v out a 2 bias b 2 aux c 2 gnd d 2 gnd e 2 gnd f 2 v out a 3 pg b 3 gnd c 3 v in d 3 gnd e 3 gnd f 3 v out a 4 gnd b 4 sync c 4 v in d 4 gnd e 4 gnd f 4 v out a 5 rt b 5 tr/ss c 5 v in d 5 gnd e 5 gnd f 5 v out a 6 gnd b 6 run c 6 v in d 6 gnd e 6 gnd f 6 v out lt m8065 8065fa
24 for more information www.linear.com/ltm8065 package description please refer to http://www.linear.com/product/ltm8065#packaging for the most recent package drawings. notes: 1. dimensioning and tolerancing per asme y14.5m-1994 2. all dimensions are in millimeters ball designation per jep95 4 3 details of pin #1 identifier are optional, but must be located within the zone indicated. the pin #1 identifier may be either a mold or marked feature package top view 4 pin ?a1? corner x y aaa z aaa z package bottom view 3 see notes suggested pcb layout top view detail a pin 1 0.000 0.5 0.5 1.5 1.5 2.5 2.5 2.5 1.5 0.5 0.5 2.5 1.5 0.000 detail a ?b (36 places) f e a b c d 2 1 4 3 56 d a detail b package side view m x yzddd m zeee 0.50 0.025 ? 36x e b e e b a2 f g bga package 36-lead (6.25mm 6.25mm 2.32mm) (reference ltc dwg # 05-08-1998 rev a) 6 see notes bga 36 0517 rev a ltmxxxxxx module tray pin 1 bevel package in tray loading orientation component pin ?a1? symbol a a1 a2 b b1 d e e f g h1 h2 aaa bbb ccc ddd eee min 2.12 0.40 1.72 0.50 0.47 0.27 1.45 nom 2.32 0.50 1.82 0.60 0.50 6.25 6.25 1.00 5.00 5.00 0.32 1.50 max 2.52 0.60 1.92 0.70 0.53 0.37 1.55 0.15 0.10 0.20 0.25 0.10 total number of balls: 36 dimensions notes ball ht ball dimension pad dimension substrate thk mold cap ht z detail b substrate a1 ccc z z // bbb z h2 h1 b1 mold cap 5. primary datum -z- is seating plane 6 package row and column labeling may vary among module products. review each package layout carefully ! lt m8065 8065fa
25 for more information www.linear.com/ltm8065 information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa - tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. revision history rev date description page number a 01/18 added note on positive to negative converter application circuit 22 lt m8065 8065fa
26 for more information www.linear.com/ltm8065 ? linear technology corporation 2017 lt 0118 rev a ? printed in usa www.linear.com/ltm8065 related parts typical application part number description comments ltm8053 40v, 3.5a step-down module regulator 3.4v v in 40v. 0.97v v out 15v. 6.25mm x 9mm x 3.32mm bga package. ltm8032 36v, 2a low emi step-down module regulator 3.6v v in 36v, 0.8v v out 10v. en55022b compliant. ltm8033 36v, 3a low emi step-down module regulator 3.6v v in 36v. 0.8v v out 24v. en55022b compliant. ltm8026 36v, 5a cvcc step-down module regulator 6v v in 36v. 1.2v v out 24v. constant voltage constant current operation. LTM4613 36v, 8a low emi step-down module regulator 5v v in 36v. 3.3v v out 15v. en55022b compliant. ltm8027 60v, 4a step-down module regulator 4.5v v in 60v, 2.5v v out 24v. ltm8050 58v, 2a step-down module regulator 3.6v v in 58v, 0.8v v out 24v. ltm8003 3.5a version of ltm8002, 40v, 3.5a, i q = 25a fmea compliant 3.4v v in 40v, 0.97v v out 18v, 6.25mm 9mm 3.32 bga package. ltm8002 fmea compliant pinout, 40a, 2.5a step-down module regulator 3.4v v in 40v, 0.97v v out 18v, 6.25mm 6.25mm 2.32mm bga package. design resources subject description module design and manufacturing resources design: ? selector guides ? demo boards and gerber files ? free simulation tools manufacturing: ? quick start guide ? pcb design, assembly and manufacturing guidelines ? package and board level reliability module regulator products search 1. sort table of products by parameters and download the result as a spread sheet. 2. search using the quick power search parametric table. techclip videos quick videos detailing how to bench test electrical and thermal performance of module products. digital power system management linear technologys family of digital power supply management ics are highly integrated solutions that offer essential functions, including power supply monitoring, supervision, margining and sequencing, and feature eeprom for storing user configurations and fault logging. 0.97v out from 3.4v in to 40v in step down converter with spread spectrum. bias is tied to an external 3.3v source external 3.3v 2.2f 100f 47pf ltm8065 v out fb v out 0.97v 2.5a v in v in 3.4v to 40v bias gnd run sync 8065 ta05 pins not used in this circuit: tr/ss, pg, aux 100k 450khz rt lt m8065 8065fa


▲Up To Search▲   

 
Price & Availability of LTM4613

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X